PART |
Description |
Maker |
IS61LPD51218T/D IS61LPD25632T/D IS61SPD25632T/D IS |
256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM 256K × 3256K × 3612K采样× 18 SYNCHRONOU?管道,双循环取消选择静态RAM 256K X 36 CACHE SRAM, 3.5 ns, PQFP100 TQFP-100 256K x 32/ 256K x 36/ 512K x 18 SYNCHRONOUS PIPELINE/ DOUBLE-CYCLE DESELECT STATIC RAM
|
Integrated Silicon Solution, Inc. Integrated Silicon Solution Inc
|
GS880E32AT-250 |
512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs 256K X 32 CACHE SRAM, 5.5 ns, PQFP100
|
GSI Technology, Inc.
|
IDT71V65803S133BG IDT71V65803S100BQ IDT71V65803S10 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 3.8 ns, PQFP100 256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 1K/BULK
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
AS7C33256FT18B AS7C33256FT18BV.1.4 AS7C33256FT18B- |
3.3V 256K x 18 Flow Through Synchronous SRAM 256K X 18 STANDARD SRAM, 8 ns, PQFP100 3.3V 256K x 18 Flow Through Synchronous SRAM 256K X 18 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 18 Flow Through Synchronous SRAM 256K X 18 STANDARD SRAM, 10 ns, PQFP100 3.3V 256K x 18 Flow Through Synchronous SRAM 256K X 18 STANDARD SRAM, 6.5 ns, PQFP100 Sync SRAM - 3.3V From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
M32L163251 M32L1632512A M32L1632512A-5Q M32L163251 |
256K x 32 Bit x 2 Banks Synchronous Graphic RAM
|
N.A. ETC
|
IDT71V65602S-100BQI IDT71V65802S-100BQI IDT71V6580 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K × 3612K采样× 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 36 ZBT SRAM, 4.2 ns, PBGA165 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 512K X 18 ZBT SRAM, 4.2 ns, PBGA119 3.3V 256K X 36 ZBT Synchronous 2.5V I/O PipeLined SRAM 3.3V 512K x 18 ZBT Synchronous 2.5V I/O PipeLined SRAM
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
UPD4482161GF-A65 UPD4482161GF-A65Y UPD4482181GF-A6 |
8M-bit(512K-word x 16-bit) Synchronous SRAM 8M-bit(512K-word x 18-bit) Synchronous SRAM 8M-bit(256K-word x 32-bit) Synchronous SRAM 8M-bit(256K-word x 36-bit) Synchronous SRAM
|
NEC
|
GS88136AD-150 |
512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs 256K X 36 CACHE SRAM, 7.5 ns, PBGA165
|
GSI Technology, Inc.
|
MCM63P736ZP100 MCM63P736ZP100R MCM63P818ZP100 MCM6 |
128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
|
MOTOROLA[Motorola, Inc]
|
MCM69L817ZP6R MCM69L817ZP6.5 |
256K x 18 bit data latch burstRAM synchronous fast static RAM
|
Motorola
|